Part Number Hot Search : 
55932 HC4852 SOT343N PT22506 TDA8705A BTA16 MC1741C 08500
Product Description
Full Text Search
 

To Download NG4U05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
NG4U
NG4U
R
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 250M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 and item 8 of IEC255-5 IEC68-2-27 T Ea est IEC68-2-6 T Fc est IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca 50Hz 750V 50Hz 2000V surge voltage 4kV 100m/s2 11ms 10~55Hz double amplitude 1.5mm 5N 235 2 3 0.5s -25~70 85% (at 40 ) 8.6g
22.5 12.5 19 Features
R2133923
C
US
E160644
Can be welded directly onto PCB. Used in household appliances like air conditioning , heater and instruments etc.
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. TU V 5A/250VAC;28VDC
Safety approvals
Ordering Information
Safety approval Load
UL& C UR 10A/125VAC 5A/250VAC
NG4U C S 10 DC12V
1 2 3 4 5
4 Contact current 5A,10A 5 Coil rated voltage(V) DC:6,12,24 1 Part number NG4U 2 Contact arrangement A:1A C:1C 3 Enclosure S:Sealed type Z:Dust cover
Dimensions
mm /inch
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operational life Electrical Mechanical 1A (SPSTNO) AgCdO AgSnO2 5A,10A/125VAC,28VDC 280W 1250VA 30VDC 220VAC 50m 105 107 Max. Switching Current:10A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
4-1 0.4 0.039 0.016 19max.
22.5max. 0.886max.
12.5max. 0.492max.
5- 1.3
1C (SPDT(B-M))
0.748max.
0.012
0.051
0.3
0.4 0.016
0.138
3.50
10 0.394
5
0.197
3.75 0.148 1 0.16 0.039 0.006 15
0.591
Coil Parameter
Coil voltage VDC Rated 006-360 012-360 024-360 6 12 24 Max. 7.8 15.6 31.2 100 400 1600 Coil resistance 10% Pickup voltage VDC(max) (75% of rated voltage) Release voltage VDC(min) (10% of rated voltage) Coil power consumption W Operate Time ms Release Time ms
Dimensions
Mounting (Bottom view)
Dash numbers
4.2 8.4 16.8
0.6 1.2 2.4 0.36 10 5
1A
Wiring diagram (Bottom view)
1C
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
Ningbo Huaguan Relay Corporation LTD.
7.5 0.295


▲Up To Search▲   

 
Price & Availability of NG4U05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X